Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 59 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 59 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 55Page - Microchip Technology 12F635 Datasheet HTML 56Page - Microchip Technology 12F635 Datasheet HTML 57Page - Microchip Technology 12F635 Datasheet HTML 58Page - Microchip Technology 12F635 Datasheet HTML 59Page - Microchip Technology 12F635 Datasheet HTML 60Page - Microchip Technology 12F635 Datasheet HTML 61Page - Microchip Technology 12F635 Datasheet HTML 62Page - Microchip Technology 12F635 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 57
PIC12F635/PIC16F636/639
6.0
TIMER1 MODULE WITH GATE
CONTROL
The PIC12F635/PIC16F636/639 has a 16-bit timer.
Figure 6-1 shows the basic block diagram of the Timer1
module. Timer1 has the following features:
• 16-bit timer/counter (TMR1H:TMR1L)
• Readable and writable
• Internal or external clock selection
• Synchronous or asynchronous operation
• Interrupt on overflow from FFFFh to 0000h
• Wake-up upon overflow (Asynchronous mode)
• Optional external enable input:
- Selectable gate source: T1G or C2 output
(T1GSS)
- Selectable gate polarity (T1GINV)
• Optional LP oscillator
The Timer1 Control register (T1CON), shown in
Register 6-1, is used to enable/disable Timer1 and
select the various features of the Timer1 module.
FIGURE 6-1:
TIMER1 ON THE PIC12F635/PIC16F636/639 BLOCK DIAGRAM
Note:
Additional information on timer modules is
available in the “PICmicro® Mid-Range
MCU
Family
Reference
Manual”
(DS33023).
TMR1H
TMR1L
Oscillator
T1SYNC
TMR1CS
T1CKPS<1:0>
Sleep Input
FOSC/4
Internal
Clock
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
OSC1/T1CKI
OSC2/T1G
Set Flag bit
TMR1IF on
Overflow
TMR1(1)
TMR1ON
TMR1GE
TMR1ON
TMR1GE
INTOSC
T1OSCEN
No CLKOUT
(3)
1
0
C2OUT(2)
T1GSS
T1GINV
To C2 Comparator Module
TMR1 Clock
Note 1:
Timer1 increments on the rising edge.
2:
C2OUT for PIC16F636/639, C1OUT for PIC12F635.
3:
ST Buffer is low-power type when using LP oscillator, or high-speed type when using T1CKI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com