Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 40 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 36Page - Microchip Technology 12F635 Datasheet HTML 37Page - Microchip Technology 12F635 Datasheet HTML 38Page - Microchip Technology 12F635 Datasheet HTML 39Page - Microchip Technology 12F635 Datasheet HTML 40Page - Microchip Technology 12F635 Datasheet HTML 41Page - Microchip Technology 12F635 Datasheet HTML 42Page - Microchip Technology 12F635 Datasheet HTML 43Page - Microchip Technology 12F635 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 38
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 3-2:
OSCCON – OSCILLATOR CONTROL REGISTER (ADDRESS: 8Fh)
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
U-0
R/W-1
R/W-1
R/W-0
R-1
R-0
R-0
R/W-0
—
IRCF2
IRCF1
IRCF0
OSTS(1)
HTS
LTS
SCS
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF<2:0>: Nominal Internal Oscillator Frequency Select bits
000
= 31 kHz
001
= 125 kHz
010
= 250 kHz
011
= 500 kHz
100
= 1 MHz
101
= 2 MHz
110
= 4 MHz
111
= 8 MHz
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1
= Device is running from the external system clock defined by FOSC<2:0>
0
= Device is running from the internal system clock (HFINTOSC or LFINTOSC)
bit 2
HTS: HFINTOSC (High Frequency – 8 MHz to 125 kHz) Status bit
1
=HFINTOSC is stable
0
= HFINTOSC is not stable
bit 1
LTS: LFINTOSC (Low Frequency – 31 kHz) Stable bit
1
= LFINTOSC is stable
0
= LFINTOSC is not stable
bit 0
SCS: System Clock Select bit
1
= Internal oscillator is used for system clock
0
= Clock source defined by FOSC<2:0>
Note 1: Bit resets to ‘0’ with Two-Speed Start-up and LP, XT or HS selected as the Oscillator
mode or Fail-Safe mode is enabled.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOD,
WUR
Value on
all other
Resets
0Ch
PIR1
EEIF
LVDIF
CRIF
C2IF
C1IF
OSFIF
—
TMR1IF 0000 00-0 0000 00-0
8Ch
PIE1
EEIE
LVDIE
CRIE
C2IE
C1IE
OSFIE
—
TMR1IE 0000 00-0 0000 00-0
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 x000
-110 x000
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---u uuuu
2007h(1)
CONFIG
CPD
CP
MCLRE PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
Legend:
x
= unknown, u = unchanged, — = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators.
Note
1:
See Register 12-1 for operation of all Configuration Word register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com