Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 73 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 73 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 69Page - Microchip Technology 12F635 Datasheet HTML 70Page - Microchip Technology 12F635 Datasheet HTML 71Page - Microchip Technology 12F635 Datasheet HTML 72Page - Microchip Technology 12F635 Datasheet HTML 73Page - Microchip Technology 12F635 Datasheet HTML 74Page - Microchip Technology 12F635 Datasheet HTML 75Page - Microchip Technology 12F635 Datasheet HTML 76Page - Microchip Technology 12F635 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 71
PIC12F635/PIC16F636/639
8.0
PROGRAMMABLE
LOW-VOLTAGE DETECT
(PLVD) MODULE
The Programmable Low-Voltage Detect module is an
interrupt driven supply level detection. The voltage
detection monitors the internal power supply.
8.1
Voltage Trip Points
The PIC12F635/PIC16F636/639 device supports eight
internal PLVD trip points. See Register 8-1 for available
PLVD trip point voltages.
REGISTER 8-1:
LVDCON – LOW-VOLTAGE DETECT CONTROL REGISTER (ADDRESS: 94h)
TABLE 8-1:
REGISTERS ASSOCIATED WITH PROGRAMMABLE LOW-VOLTAGE DETECT
U-0
U-0
R-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Status Flag bit
1
= Indicates that the PLVD is stable and PLVD interrupt is reliable
0
= Indicates that the PLVD is not stable and PLVD interrupt should not be enabled
bit 4
LVDEN: Low-Voltage Detect Power Enable bit
1
= Enables PLVD, powers up PLVD circuit and supporting reference circuitry
0
= Disables PLVD, powers down PLVD and supporting circuitry
bit 3
Unimplemented: Read as ‘0’
bit 2-0
LVDL<2:0>: Low-Voltage Detection Limit bits (nominal values)
111
= 4.5V
110
= 4.2V
101
= 4.0V
100
= 2.3V (default)
011
= 2.2V
010
= 2.1V
001
= 2.0V
000
= 1.9V(1)
Note 1: Not tested and below minimum VDD.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD,
WUR
Value on
all other
Resets
94h
LVDCON
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
--00 -000
--00 -000
0Bh/8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
0000 0000
0Ch
PIR1
EEIF
LVDIF
CRIF
C2IF
C1IF
OSFIF
—
TMR1IF 0000 00-0 0000 00-0
8Ch
PIE1
EEIE
LVDIE
CRIE
C2IE(1)
C1IE
OSFIE
—
TMR1IE 0000 00-0 0000 00-0
Legend:
x
= unknown, u = unchanged, — = unimplemented, read as ‘0’. Shaded cells are not used by the comparator or
comparator voltage reference module.
Note
1:
PIC16F636/639 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com