Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 95 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 95 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 91Page - Microchip Technology 12F635 Datasheet HTML 92Page - Microchip Technology 12F635 Datasheet HTML 93Page - Microchip Technology 12F635 Datasheet HTML 94Page - Microchip Technology 12F635 Datasheet HTML 95Page - Microchip Technology 12F635 Datasheet HTML 96Page - Microchip Technology 12F635 Datasheet HTML 97Page - Microchip Technology 12F635 Datasheet HTML 98Page - Microchip Technology 12F635 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 93
PIC12F635/PIC16F636/639
11.29 Demodulator
The demodulator recovers the modulation data from
the received signal, containing carrier plus data, by
appropriate envelope detection. The demodulator has
a fast rise (charge) time (TDR) and a fall time (TDF)
appropriate to an envelope of input signal (see
Section 15.0 “Electrical Specifications” for TDR
and TDF specifications). The demodulator contains
the full-wave rectifier, low-pass filter, peak detector
and data slicer.
FIGURE 11-9:
DEMODULATOR CHARGE AND DISCHARGE
11.30 Power-On Reset
This circuit remains in a Reset state until a sufficient
supply voltage is applied to the AFE. The Reset
releases when the supply is sufficient for correct AFE
operation, nominally VPOR of AFE.
The Configuration registers are all cleared on a Power-
on Reset. As the Configuration registers are protected
by odd row and column parity, the ALERT pin will be
pulled down – indicating to the microcontroller section
that the AFE configuration memory is cleared and
requires loading.
11.31 LFDATA Output Selection
The LFDATA output can be configured to pass the
Demodulator output, Received Signal Strength Indicator
(RSSI) output, or Carrier Clock. See Configuration
Register 1 (Register 11-2) for more details.
11.31.1
DEMODULATOR OUTPUT
The demodulator output is the default configuration of
the output selection. This is the output of an envelope
detection circuit. See Figure 11-9 for the demodulator
output.
For a clean data output or to save operating power, the
input channels can be individually enabled or disabled. If
more than one channel is enabled, the output is the sum
of each output of all enabled channels. There will be no
valid output if all three channels are disabled. When the
demodulated output is selected, the output is available in
two different conditions depending on how the options of
Configuration Register 0 (Register 11-1) are set: Output
Enable Filter is disabled or enabled.
Related Configuration register bits:
• Configuration Register 1 (Register 11-2),
DATOUT <8:7>:
-bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
01
: RSSI Output
• Configuration Register 0 (Register 11-1): all bits
Full-wave Rectifier output
Signal into LC input pins
Data Slicer output
TDR
TDF
(demodulator output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com