Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 109 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 109 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 105Page - Microchip Technology 12F635 Datasheet HTML 106Page - Microchip Technology 12F635 Datasheet HTML 107Page - Microchip Technology 12F635 Datasheet HTML 108Page - Microchip Technology 12F635 Datasheet HTML 109Page - Microchip Technology 12F635 Datasheet HTML 110Page - Microchip Technology 12F635 Datasheet HTML 111Page - Microchip Technology 12F635 Datasheet HTML 112Page - Microchip Technology 12F635 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 107
PIC12F635/PIC16F636/639
REGISTER 11-4:
CONFIGURATION REGISTER 3 (ADDRESS: 0011)
REGISTER 11-5:
CONFIGURATION REGISTER 4 (ADDRESS: 0100)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
LCZTUN5
LCZTUN4
LCZTUN3
LCZTUN2
LCZTUN1
LCZTUN0
R3PAR
bit 8
bit 0
bit 8-7
Unimplemented: Read as ‘0’
bit 6-1
LCZTUN<5:0>: LCZ Tuning Capacitance bit
000000
=+0 pF (Default)
:
111111
=+63 pF
bit 0
R3PAR: Register Parity Bit – set/cleared so the 9-bit register contains odd parity – an odd number of set bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LCXSEN3
LCXSEN2
LCXSEN1
LCXSEN0
LCYSEN3
LCYSEN2
LCYSEN1
LCYSEN0
R4PAR
bit 8
bit 0
bit 8-5
LCXSEN<3:0>(1): Typical LCX Sensitivity Reduction bit
0000
= -0 dB (Default)
0001
= -2 dB
0010
= -4 dB
0011
= -6 dB
0100
= -8 dB
0101
= -10 dB
0110
= -12 dB
0111
= -14 dB
1000
= -16 dB
1001
= -18 dB
1010
= -20 dB
1011
= -22 dB
1100
= -24 dB
1101
= -26 dB
1110
= -28 dB
1111
= -30 dB
bit 4-1
LCYSEN<3:0>(1): Typical LCY Sensitivity Reduction bit
0000
= -0 dB (Default)
:
1111
= -30 dB
bit 0
R4PAR: Register Parity bit – set/cleared so the 9-bit register contains odd parity – an odd number of set bits
Note 1:
Assured monotonic increment (or decrement) by design.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com