Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 116 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 116 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 112Page - Microchip Technology 12F635 Datasheet HTML 113Page - Microchip Technology 12F635 Datasheet HTML 114Page - Microchip Technology 12F635 Datasheet HTML 115Page - Microchip Technology 12F635 Datasheet HTML 116Page - Microchip Technology 12F635 Datasheet HTML 117Page - Microchip Technology 12F635 Datasheet HTML 118Page - Microchip Technology 12F635 Datasheet HTML 119Page - Microchip Technology 12F635 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 114
Preliminary
© 2005 Microchip Technology Inc.
12.3
Power-on Reset
The on-chip POR circuit holds the chip in Reset until VDD
has reached a high enough level for proper operation. To
take advantage of the POR, simply connect the MCLR
pin through a resistor to VDD. This will eliminate external
RC components usually needed to create Power-on
Reset. A maximum rise time for VDD is required. See
Section 15.0 “Electrical Specifications” for details. If
the BOD is enabled, the maximum rise time specification
does not apply. The BOD circuitry will keep the device in
Reset until VDD reaches VBOD (see Section 12.6
“Brown-out Detect (BOD)”).
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in Reset until the operating
conditions are met.
For additional information, refer to the Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
12.4
Wake-up Reset (WUR)
The PIC12F635/PIC16F636/639 has a modified wake-
up from Sleep mechanism. When waking from Sleep,
the WUR function resets the device and releases Reset
when VDD reaches an acceptable level.
If the WURE bit is enabled (‘0’) in the Configuration
Word register, the device will Wake-up Reset from
Sleep through one of the following events:
1.
On any event that causes a wake-up event. The
peripheral must be enabled to generate an
interrupt or wake-up, GIE state is ignored.
2.
When WURE is enabled, RA3 will always
generate an interrupt-on-change signal during
Sleep.
The WUR, POR and BOD bits in the PCON register
and the TO and PD bits in the Status register can be
used to determine the cause of device Reset.
To allow WUR upon RA3 change:
1.
Enable the WUR function, WURE Configuration
Bit = 0.
2.
Enable RA3 as an input, MCLRE Configuration
Bit = 0.
3.
Read PORTA to establish the current state of
RA3.
4.
Execute SLEEP instruction.
5.
When RA3 changes state, the device will wake-
up and then reset. The WUR bit in PCON will be
cleared to ‘0’.
12.5
MCLR
PIC12F635/PIC16F636/639 has a noise filter in the
MCLR Reset path. The filter will ignore small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low. See Figure 12-2 for the recommended
MCLR circuit.
An internal MCLR option is enabled by clearing the
MCLRE bit in the Configuration Word register. When
cleared, MCLR is internally tied to VDD and an internal
weak pull-up is enabled for the MCLR pin. In-Circuit
Serial Programming is not affected by selecting the
internal MCLR option.
FIGURE 12-2:
RECOMMENDED MCLR
CIRCUIT
Note:
The POR circuit does not produce an
internal Reset when VDD declines. To
re-enable the POR, VDD must reach VSS
for a minimum of 100
μs.
VDD
PIC12F635/PIC16F636/639
MCLR
R1
1k
Ω (or greater)
C1
0.1
μF
(optional, not critical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com