Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 7 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 7 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 11Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data sheet
BMP183
Page 7
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Absolute accuracy
temperature
VDD = 3.3V
@ 25 °C
-1.5
±
0.5
+1.5
°C
0 . . . +65 °C
-2.0
±1.0
+2.0
°C
Conversion time
pressure
tc_p_low
ultra low power mode
3
4.5
ms
tc_p_std
standard mode
5
7.5
ms
tc_p_hr
high resolution mode
9
13.5
ms
tc_p_luhr
ultra high res. mode
17
25.5
ms
tc_p_ar
Advanced res. mode
51
76.5
ms
Conversion time
temperature
tC_temp
standard mode
3
4.5
ms
Serial data clock
fSCL
3.4
MHz
Solder drifts
2
Minimum solder
height 50µm
-0.5
+2
hPa
Long term stability
3
12 months
±1.0
hPa
2 verified with BST customer shuttle boards
3 Long term stability is specified in the full accuracy operating pressure range 0 … 65°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com