Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data sheet
BMP183
Page 19
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5. SPI Interface
The BMP183 features a four wire SPI interface with clock speeds of up to 10 MHz. The interface is
four wire SPI with CPOL = 1, CPHA = 1 (SPI mode 3).
The SPI bus is used to control the sensor, to read calibration data from the E2PROM and to read the
measurement data when A/D conversion is finished.
5.1 SPI specification
Table 6: Electrical parameters for the SPI interface
Parameter
Symbol
Min.
Typ
Max.
Units
Clock input frequency
fSCL
0.0
10.0
MHz
Input-low level
VIL
0
0.2 * VDDIO
V
Input-high level
VIH
0.8 * VDDIO
VDDIO
V
SCK low pulse
Tlow_sck4
20
ns
SCK high pulse
Thigh_sck_4
20
ns
SDI setup time
Tsetup_sdi_4
20
ns
SDI hold time
Thold_sdi_4
20
ns
SDO output delay
Tdelay_sdo_4
30
ns
CSB setup time
Tsetup_csb_4
20
ns
CSB hold time
Thold_csb_4
20
ns
Start-up time after power-up,
before first communication
tStart
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com