Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 26 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 26 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 28Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data sheet
BMP183
Page 26
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
6.3 Moisture sensitivity level and soldering
The BMP183 is classified MSL 1 (moisture sensitivity level) according to IPC/JEDEC standards J-
STD-020D and J-STD-033A.
The device can be soldered Pb-free with a peak temperature of 260°C for 20 to 40 sec. The
minimum height of the solder after reflow shall be at least 50µm. This is required for good
mechanical decoupling between the sensor device and the printed circuit board (PCB).
To ensure good solder-ability, the devices shall be stored at room temperature (20°C).
The soldering process can lead to an offset shift.
6.4 RoHS compliancy
The BMP183 sensor meets the requirements of the EC directive "Restriction of hazardous
substances (RoHS)", please refer also to:
"Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment".
The BMP183 sensor is also halogen-free.
6.5 Mounting and assembly recommendations
In order to achieve the specified performance for you design, the following recommendations and the
“Handling, soldering & mounting instructions BMP183” should be taken into consideration when
mounting a pressure sensor on a printed-circuit board (PCB):
 The clearance above the metal lid shall be 0.1mm at minimum.
 For the device housing appropriate venting needs to be provided in case the ambient
pressure shall be measured.
 Liquids shall not come into direct contact with the device.
 During operation the sensor is sensitive to light, which can influence the accuracy of the
measurement (photo-current of silicon).
 The BMP183 shall not the placed close the fast heating parts. In case of gradients > 3°C/sec.
it is recommended to follow Bosch Sensortec application note ANP015, "Correction of errors
induced by fast temperature changes". Please contact your Bosch Sensortec representative
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com