Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data sheet
BMP183
Page 21
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.3 Start temperature and pressure measurement
Pressure and temperature measurement are always initiated by the bus master. A write command
into register 0xF4 will start temperature or pressure measurement. The result can be read out after
respecting the conversion time delay.
In Table 7, the write values for the different commands are listed.
Table 7: Control registers values for different internal oversampling_setting (oss)
Measurement
Control register value
(register address 0xF4)
Max. conversion time
[ms]
Temperature
0x2E
4.5
Pressure
(oss = 0)
0x34
4.5
Pressure
(oss = 1)
0x74
7.5
Pressure
(oss = 2)
0xB4
13.5
Pressure
(oss = 3)
0xF4
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com