Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 28Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data sheet
BMP183
Page 24
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
6.2 Outline dimensions
The sensor housing is a 7Pin LGA package with metal lid. Its dimensions are 3.60mm (±0.1 mm) x
3.80mm (±0.1 mm) x 0.93mm (±0.07 mm).
Note: All dimensions are in mm.
6.2.1 Bottom view
Figure 11: Bottom view BMP183
0,60
0,50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com