Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP183 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data sheet
BMP183
Page 12
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.4.1 Hardware pressure sampling accuracy modes
By using different modes the optimum compromise between power consumption, speed and
resolution can be selected, see below table.
Table 3: Overview of BMP183 hardware accuracy modes, selected by driver software via the
variable oversampling_setting
Mode
Parameter
oversampling_setting
Internal
number of
samples
Conversion time
pressure max.
[ms]
Avg. current @
1 sample/s typ.
[µA]
RMS
noise
typ.
[hPa]
RMS
noise
typ.
[m]
ultra low power
0
1
4.5
3
0.06
0.5
standard
1
2
7.5
5
0.05
0.4
high resolution
2
4
13.5
7
0.04
0.3
ultra high resolution
3
8
25.5
12
0.03
0.25
For further information on noise characteristics see the relevant application note “Noise in pressure
sensor applications”.
All modes can be performed at higher speeds, e.g. up to 128 times per second for standard mode,
with the current consumption increasing proportionally to the sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com