Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 39 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 39 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 35Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 36Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 37Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 38Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 39Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 40Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 41Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 42Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 39 -
Revision V1.41
5.2.6
System Timer (SysTick)
The Cortex-M0 includes an integrated system timer, SysTick. SysTick provides a simple, 24-bit,
clear-on-write, decrementing, wrap-on-zero counter with a flexible control mechanism. The counter
can be used in several different ways, for example:
An RTOS tick timer which fires at a programmable rate (for example 100Hz) and invokes a
SysTick routine.
A high speed alarm timer using Core clock.
A variable rate alarm or signal timer
– the duration range dependent on the reference clock used
and the dynamic range of the counter.
A simple counter. Software can use this to measure time to completion and time used.
An internal clock source control based on missing/meeting durations. The COUNTFLAG bit-field
in the control and status register can be used to determine if an action completed within a set
duration, as part of a dynamic clock management control loop.
When enabled, the timer will count down from the value in the SysTick Current Value Register
(SYST_CVR) to zero, reload (wrap) to the value in the SysTick Reload Value Register (SYST_RVR)
on the next clock edge, then decrement on subsequent clocks. When the counter transitions to zero,
the COUNTFLAG status bit is set. The COUNTFLAG bit clears on reads.
The SYST_CVR value is UNKNOWN on reset. Software should write to the register to clear it to zero
before enabling the feature. This ensures the timer will count from the SYST_RVR value rather than
an arbitrary value when it is enabled.
If the SYST_RVR is zero, the timer will be maintained with a current value of zero after it is reloaded
with this value. This mechanism can be used to disable the feature independently from the timer
enable bit.
In DEEPSLEEP and power down modes, the SysTick timer is disabled so cannot be used to wake up
the device.
For more detailed information, please refer to the documents “ARM® Cortex™-M0 Technical
Reference Manual
” and “ARM® v6-M Architecture Reference Manual”.
5.2.6.1
System Timer Control Register Map
R: read only, W: write only, R/W: both read and write, W&C: Write 1 clear
Register
Offset
R/W
Description
Reset Value
SYSTICK Base Address:
SYSTICK_BA = 0xE000_E000
SYST_CSR
SYSTICK_BA+0x10
R/W
SysTick Control and Status Register
0x0000_0004
SYST_RVR
SYSTICK_BA+0x14
R/W
SysTick Reload value Register
0xXXXX_XXXX
SYST_CVR
SYSTICK_BA+0x18
R/W
SysTick Current value Register
0xXXXX_XXXX
5.2.6.2
System Timer Control Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com