Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 17Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 18Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 19Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 20Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 21Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 22Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 23Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 24Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 21 -
Revision V1.41
5.2.5
System Manager Control Registers
Register
Offset
R/W
Description
Reset Value
SYS Base Address:
SYS_BA = 0x5000_0000
SYS_RSTSTS
SYS_BA+0x04
R/W
System Reset Source Register
0x0000_00XX
SYS_IPRST0
SYS_BA+0x08
R/W
IP Reset Control Resister1
0x0000_0000
SYS_IPRST1
SYS_BA+0x0C
R/W
IP Reset Control Resister2
0x0000_0000
SYS_PASMTEN
SYS_BA+0x30
R/W
GPIOA input type control register
0x0000_0000
SYS_PBSMTEN
SYS_BA+0x34
R/W
GPIOB input type control register
0x0000_0000
SYS_GPA_MFP
SYS_BA+0x38
R/W
GPIOA multiple function control register
0x0000_0000
SYS_GPB_MFP
SYS_BA+0x3C
R/W
GPIOB multiple function control register
0x0000_0000
SYS_WKCTL
SYS_BA+0x54
R/W
WAKEUP pin control register
0x0000_0006
SYS_REGLCTL
SYS_BA+0x100
R/W
Register Lock Key Address register
0x0000_0000
SYS_IRCTCTL
SYS_BA+0x110
R/W
Oscillator Frequency Adjustment control register 0xXXXX_XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com