Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 13Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 14Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 15Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 16Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 13 -
Revision V1.41
Pin No.
Pin Name
Pin Type
Alt
CFG
Description
LQFP
48
29
PA.4
I/O
0
General purpose input/output pin; Port A, bit 4
I2S_FS
I/O
1
Frame Sync Clock for I2S interface
30
PA.3
I/O
0
General purpose input/output pin; Port A, bit 3
SPI_MISO0
I
1
Master In, Slave Out channel 0 for SPI interface
I2C_SDA
I/O
2
Serial Data, I2C interface
31
PA.2
I/O
0
General purpose input/output pin; Port A, bit 2
SPI_SSB0
I/O
1
Slave Select Bar 0 for SPI interface
32
VDD33
P
LDO Regulator Output. If used, a 1µF capacitor must be
placed to ground. If not used then tie to VCCD.
33
PA.1
I/O
0
General purpose input/output pin; Port A, bit 1
SPI_SCLK
I/O
1
Serial Clock for SPI interface
I2C_SCL
I/O
2
Serial Clock, I2C interface
34
PA.0
I/O
0
General purpose input/output pin; Port A, bit 2
SPI_MOSI0
O
1
Master Out, Slave In channel 0 for SPI interface
MCLK
O
2
Master clock output.
35
VCCLDO
P
Power Supply for LDO, should be connected to VCCD
36
PA.14
I/O
0
General purpose input/output pin; Port A, bit 14
TM0
I
1
External input to Timer 0
SDCLK
O
1
Clock output for digital microphone mode.
SDCLKn
O
2
Inverse Clock output for digital microphone mode.
37
PA.13
I/O
0
General purpose input/output pin; Port A, bit 13
PWM1
O
1
PWM1 Output.
SPKM
O
2
Equivalent to SPK-.
I2S_BCLK
I/O
3
Bit Clock for I2S interface
38
PA.12
I/O
0
General purpose input/output pin; Port A, bit 12
PWM0
O
1
PWM0 Output.
SPKP
O
2
Equivalent to SPK+
I2S_FS
I/O
3
Frame Sync Clock for I2S interface
39
XO32K
O
32.768kHz Crystal Oscillator Output
40
XI32K
I
32.768kHz Crystal Oscillator Input. Max Voltage 1.8V
41
VSSA
AP
Ground for analog circuitry.
42
VMID
O
Mid rail reference. Connect 4.7µF to VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com