Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 85 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 85 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 81Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 82Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 83Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 84Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 85Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 86Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 87Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 88Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 85 -
Revision V1.41
Interrupt Control State Register (SYSCTL_ICSR)
Register
Offset
R/W
Description
Reset Value
SYSCTL_ICSR
SYSINFO_BA+0xD04
R/W
Interrupt Control State Register
0x0000_0000
31
30
29
28
27
26
25
24
NMIPNSET
Reserved
PPSVISET
PPSVICLR
PSTKISET
PSTKICLR
Reserved
23
22
21
20
19
18
17
16
ISRPREEM
ISRPEND
Reserved
VTPEND[8:4]
15
14
13
12
11
10
9
8
VTPEND[3:0]
Reserved
VTACT[8]
7
6
5
4
3
2
1
0
VTACT[7:0]
Bits
Description
[31]
NMIPNSET
NMI Pending Set Control
Setting this bit will activate an NMI. Since NMI is the highest priority exception, it will activate as
soon as it is registered. Reads back with current state (1 if Pending, 0 if not).
[28]
PPSVISET
Set A Pending PendSV Interrupt
This is normally used to request a context switch. Reads back with current state (1 if Pending, 0
if not).
[27]
PPSVICLR
Clear A Pending PendSV Interrupt
Write 1 to clear a pending PendSV interrupt.
[26]
PSTKISET
Set A pending SysTick
Reads back with current state (1 if Pending, 0 if not).
[25]
PSTKICLR
Clear A pending SysTick
Write 1 to clear a pending SysTick.
[23]
ISRPREEM
ISR Preemptive
If set, a pending exception will be serviced on exit from the debug halt state.
[22]
ISRPEND
ISR Pending
Indicates if an external configurable (NVIC generated) interrupt is pending.
[20:12]
VTPEND
Vector Pending
Indicates the exception number for the highest priority pending exception. The pending state
includes the effect of memory-mapped enable and mask registers. It does not include the
PRIMASK special-purpose register qualifier. A value of zero indicates no pending exceptions.
[8:0]
VTACT
Vector Active
0: Thread mode
Value > 1: the exception number for the current executing exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com