Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 14 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 14 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 13Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 14Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 15Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 16Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 17Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 14 -
Revision V1.41
Pin No.
Pin Name
Pin Type
Alt
CFG
Description
LQFP
48
43
MIC+
AI
Positive microphone input.
44
MIC-
AI
Negative microphone input.
45
MICBIAS
AO
Microphone bias output.
46
VCCA
AP
Analog power supply.
47
PA.11
I/O
0
General purpose input/output pin; Port A, bit 11
I2C_SCL
I/O
1
Serial Clock, I2C interface
I2S_SDO
O
2
Serial Data Out I2S interface
UART_CTSn
I
3
UART Clear to Send Input.
48
PA.10
I/O
0
General purpose input/output pin; Port A, bit 10
I2C_SDA
I/O
1
Serial Data, I2C interface
I2S_SDI
I
2
Serial Data In I2S interface
UART_RTSn
O
3
UART Request to Send Output.
Note:
1.
Pin Type I=Digital Input, O=Digital Output; AI=Analog Input; P=Power Pin; AP=Analog Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com