Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD9130CFI Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 9Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 10Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 11Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 12Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 13Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 10 -
Revision V1.41
3
PART INFORMATION AND PIN CONFIGURATION
3.1.1
ISD9160 LQFP 48 pin
LQFP 48-pin
32
36
30
29
28
27
26
25
34
35
31
33
1
2
3
4
6
7
8
9
10
5
11
12
VCCLDO
PA.14/TM0/SDCLK/SDCLKn
PA.4/I2S_FS
PA.6/I2S_SDI
PA.3/SPI_MISO0/I2C_SDA
VSSD
PA.5/I2S_BCLK
PA.7/I2S_SDO
PA.1/SPI_SCLK/I2C_SCL
PA.2/SPI_SSB0
PA.0/SPI_MOSI0/MCLK
VDD33
I2C_SCL/CMP2/SPI_SCLK/PB.2
VCCD
NC
VREG
SPI_SSB1/CMP0/SPI_SSB0/PB.0
MCLK/CMP1/SPI_SSB1/PB.1
I2C_SDA/CMP3/SPI_MISO0/PB.3
PWM0B/CMP4SPI_MOSI0/PB.4
I2S_SDI/CMP6/SPI_MOSI1/PB.6
PWM1B/CMP5/SPI_MISO1/PB.5
WAKEUP
I2S_SDO/CMP7/PB.7
3.1.2
Pin Description
The ISD9160 is a low pin count device where many pins are configurable to alternative functions. All
General Purpose Input/Output (GPIO) pins can be configured to alternate functions as described in
the table below and also in Error! Reference source not found. and Error! Reference source not
found..
Pin No.
Pin Name
Pin Type
Alt
CFG
Description
LQFP
48
3.1
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com