Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  XPC7445 Datasheet HTML 1Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
General Parameters
General Parameters
Table 8 provides the clock AC timing specifications for the MPC7455 part numbers described herein.
Table 12 provides the L3 bus interface AC timing specifications for MSUG2 for the MPC7455 part numbers
described herein.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
600 MHz
733 MHz
800 MHz
Min
Max
Min
Max
Min
Max
Processor frequency
fcore
500
600
500
733
500
800
MHz
1
VCO frequency
fVCO
1000
1200
1000
1466
1000
1600
MHz
1
Notes:
1. Caution: The SYSCLK frequency, PLL_CFG[0:4] settings must be chosen such that the resulting SYSCLK (bus)
frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum
operating frequencies (see Table 4 in the MPC7455 RISC Microprocessor Hardware Specifications). Refer to the
PLL_CFG[0:4] signal description in Section 1.9.1, “PLL Configuration,” for valid PLL_CFG[0:4] settings.
Table 12. L3 Bus Interface AC Timing Specifications for MSUG2
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades
Unit
Notes
L2CR[12] = 0 and L3CR[12] = 08
L2CR[12] = 1 and L3CR[12] = 18
Min
Max
Min
Max
L3_CLK rise and
fall time
tL3CR,
tL3CF
—
1.0
—
1.0
ns
1
Setup times:
Data and parity
tL3DVEH,
tL3DVEL
–0.1
—
–0.1
—
ns
2, 3, 4
Input hold times:
Data and parity
tL3DXEH
,
tL3DXEL
tL3_ECHO_CLK/4
+ 0.6
—tL3_ECHO_CLK/4
+0.6
—ns
2, 4
Valid times:
Data and parity
tL3CHDV,
tL3CLDV
—(– tL3_CLK/4)
+ 0.4
—(– tL3_CLK/4)
+ 0.8
ns
5, 6, 7
Valid times:
All other outputs
tL3CHOV
—tL3_CLK/4 + 1.0
—
tL3_CLK/4 + 1.2
ns
5, 7
Output hold times:
Data and parity
tL3CHDX
,
tL3CLDX,
tL3_CLK/4 – 0.4
—
tL3_CLK/4 – 0.2
—
ns
5, 6, 7
Output hold times:
All other outputs
tL3CHOX tL3_CLK/4 – 0.5
—
tL3_CLK/4 – 0.3
—
ns
5, 7
L3_CLK to high
impedance:
Data and parity
tL3CLDZ
—tL3_CLK/2
—
tL3_CLK/2
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com