Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOTOROLA
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
9
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by this Specification
Table 21 provides the ordering information for the MPC7455 parts described in this document.
1.11.3 Part Marking
Parts are marked as the example shown in Figure 29.
Figure 29. Motorola Part Marking for BGA Devices
Table 21. Part Marking Nomenclature
XPC
74x5RX
nnn
x
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
1 Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
Application Modifier
Revision Level
XPC 2
2 The X prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by Motorola SOP 3-13.
These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified
technology to simulate normal production. These parts have only preliminary reliability and characterization data.
Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the
applicable sales office acknowledging the qualification status and the fact that product changes may still occur while
shipping pilot production prototypes.
7455
7445
RX = CBGA
600
733
800
N: 1.3 V ± 50 mV
0 to 105
°C
C: 2.1; PVR = 8001 0201
Notes:
BGA
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
XPC7455
RX800NC
MMMMMM
ATWLYYWWA
7450
BGA
XPC7445
RX8000NC
MMMMMM
ATWLYYWWA
7440
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com