Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
Document Revision History
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Rev. No.
Substantive Change(s)
0
Initial release.
0.1
Updated wording in Table A, ‘Significant Differences from Hardware Specification,’ column.
Corrected part number in heading of Table 7 (changed from MPC7450 to MPC7455).
Added Document Revision History section and Table B.
1
Updated Table 7, note 1.
Added Tables 2, 12, 13, and 17.
1.1
Tabled 9: corrected typo in units for Sleep Mode power, changed “W” to “mW”.
Table 17: corrected PLL_CFG values; previous revisions of this specification had swapped PLL_CFG[0]
with PLL_CFG[4].
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com