Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  XPC7445 Datasheet HTML 1Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document describes part-number-specific changes to recommended operating conditions
and revised electrical specifications, as applicable, from those described in the general
MPC7455 RISC Microprocessor Hardware Specifications (Order No. MPC7455EC). The
MPC7455 is a PowerPC™ microprocessor.
Specifications provided in this document supersede those in the MPC7455 RISC
Microprocessor Hardware Specifications, Rev. 0 or later, for the part numbers listed in
Table A only. Specifications not addressed herein are unchanged. Because this document is
frequently updated, refer to http://www.motorola.com/semiconductors or to your Motorola
sales office for the latest version.
Note that headings and table numbers in this document are not consecutively numbered. They
are intended to correspond to the heading or table affected in the general hardware
specification.
Part numbers addressed in this document are listed in Table A.
Table A. Part Numbers Addressed by this Data Sheet
Motorola
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD
Tj
(°C)
XPC7455RX600NC
600
1.3 V ± 50 mV 0 to 105 Modified core and VCO frequency,
and power consumption specifications
XPC7455RX733NC
733
XPC7455RX800NC
800
XPC7445RX600NC
600
XPC7445RX733NC
733
XPC7445RX800NC
800
Note: The X prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by
Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested,
and Q.A. inspected on a qualified technology to simulate normal production. These parts have only
preliminary reliability and characterization data. Before pilot production prototypes may be shipped,
written authorization from the customer must be on file in the applicable sales office acknowledging the
qualification status and the fact that product changes may still occur while shipping pilot production
prototypes.
Advance Information
MPC7455RXNXPNS
Rev. 1.1, 1/2004
MPC7455 Part Number
Specification for the
XPC74x5RXnnnNx Series
Motorola Part
Numbers Affected:
XPC7455RX600NC
XPC7455RX733NC
XPC7455RX800NC
XPC7445RX600NC
XPC7445RX733NC
XPC7445RX800NC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - XPC7445

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC740P MOTOROLA-XPC740P Datasheet
564Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
XPC740P NXP-XPC740P Datasheet
717Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
XPC745BPX300LD NXP-XPC745BPX300LD Datasheet
507Kb / 8P
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
XPC745BPX350LD NXP-XPC745BPX350LD Datasheet
507Kb / 8P
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
More results

Similar Description - XPC7445

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
RISC Microprocessor Hardware Specifications
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com