Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
General Parameters
General Parameters
10101
10x
2x
500
(1000)
667
(1333)
750
(1500)
10011
11x
2x
550
(1100)
733
(1466)
10111
12x
2x
600
(1200)
800
(1600)
01011
13x
2x
650
(1300)
11001
14x
2x
700
(1400)
00011
15x
2x
500
(1000)
750
(1500)
11011
16x
2x
533
(1066)
800
(1600)
00110
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly
11110
PLL off
PLL off, no core clocking occurs
Table 17. MPC7455 Microprocessor PLL Configuration Example for 800-MHz Parts (continued)
PLL_CFG
[0:4]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83 MHz
Bus
100 MHz
Bus
133 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com