Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC7445 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button XPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
General Parameters
General Parameters
Table 13 provides the L3 bus AC timing specifications for PB2 and Late Write SRAMs for the MPC7455
part numbers described herein.
Table 13. L3 Bus Interface AC Timing Specifications for PB2 and Late Write SRAMs
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades
Unit
Notes
L2CR[12]=0 and L3CR[12]=0 6
L2CR[12]=1 and L3CR[12]=1 6
Min
Max
Min
Max
L3_CLK rise and fall
time
tL3CR,
tL3CF
—
1.0
—
1.0
ns
1, 5
Setup times:
Data and parity
tL3DVEH
1.5
—
1.5
—
ns
2, 5
Input hold times:
Data and parity
tL3DXEH
—
0.5
—
0.5
ns
2, 5
Valid times:
Data and parity
tL3CHDV
—tL3_CLK/4 + 1.0
—
tL3_CLK/4 + 1.2
ns
3, 4, 5
Valid times:
All other outputs
tL3CHOV
—tL3_CLK/4 + 1.0
—
tL3_CLK/4 + 1.2
ns
4
Output hold times:
Data and parity
tL3CHDX
tL3_CLK/4 – 0.4
—
tL3_CLK/4 – 0.2
—
ns
3, 4, 5
Output hold times:
All other outputs
tL3CHOX
tL3_CLK/4 – 0.4
—
tL3_CLK/4 – 0.2
—
ns
4, 5
L3_CLK to high
impedance:
Data and parity
tL3CHDZ
—2.0
—2.0
ns
5
L3_CLK to high
impedance:
All other outputs
tL3CHOZ
—2.0
—2.0
ns
5
Notes:
1. Rise and fall times for the L3_CLK output are measured from 20% to 80% of GVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising
edge of the input L3_ECHO_CLKn (see Figure 10 in the MPC7455 RISC Microprocessor Hardware Specifications).
Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L3_CLKn to the midpoint of
the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive
50-
Ω load (see Figure 10 in the MPC7455 RISC Microprocessor Hardware Specifications).
4. tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the specified output signal is actually
launched by an internal clock delayed in phase by 90°. Therefore, there is a frequency component to the output valid
and output hold times such that the specified output signal will be valid for approximately one L3_CLK period
starting three-fourths of a clock prior to the edge on which the SRAM will sample it and ending one-fourth of a clock
period after the edge it will be sampled.
5. Timing behavior and characterization are currently being evaluated.
6. These configuration bits allow the AC timing of the L3 interface to be altered via software. They must be both set or
both cleared; other configurations will increase tL3CSKW1 and tL3CSKW2, which may cause unreliable L3 operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com