Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 12 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 8Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 9Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 10Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 11Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 12Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 13Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 14Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 15Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Summary description
M50FLW080A, M50FLW080B
12/64
Table 4.
Addresses (M50FLW080B)(1)
1.
Also see Appendix A, Table 34 and Table 35 for a full listing of the Block Addresses.
Block size (KByte)
Address range
Sector size (KByte)
64
F0000h-FFFFFh
16 x 4 KBytes
64
E0000h-EFFFFh
13 x 64 KBytes
64
D0000h-DFFFFh
64
C0000h-CFFFFh
64
B0000h-BFFFFh
64
A0000h-AFFFFh
64
90000h-9FFFFh
64
80000h-8FFFFh
64
70000h-7FFFFh
64
60000h- 6FFFFh
64
50000h- 5FFFFh
64
40000h- 4FFFFh
64
30000h-3FFFFh
64
20000h-2FFFFh
64
10000h-1FFFFh
16 x 4 KBytes
64
00000h-0FFFFh
16 x 4 KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com