Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 9Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 10Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 11Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 12Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 13Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 14Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 15Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 16Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
M50FLW080A, M50FLW080B
Signal descriptions
13/64
2
Signal descriptions
There are two distinct bus interfaces available on this device. The active interface is selected
before power-up, or during Reset, using the Interface Configuration Pin, IC.
The signals for each interface are discussed in the Firmware Hub/low-pin-count (FWH/LPC)
signal descriptions section and the Address/Address multiplexed (A/A Mux) signal
descriptions section, respectively, while the supply signals are discussed in the Supply
signal descriptions section.
2.1
Firmware Hub/low-pin-count (FWH/LPC) signal descriptions
Please see Figure 1 and Table 1.
2.1.1
Input/Output communications (FWH0/LAD0-FWH3/LAD3)
All Input and Output Communications with the memory take place on these pins. Addresses
and Data for Bus Read and Bus Write operations are encoded on these pins.
2.1.2
Input communication frame (FWH4/LFRAME)
The Input Communication Frame (FWH4/LFRAME) signal indicates the start of a bus
operation. When Input Communication Frame is Low, VIL, on the rising edge of the Clock, a
new bus operation is initiated. If Input Communication Frame is Low, VIL, during a bus
operation then the operation is aborted. When Input Communication Frame is High, VIH, the
current bus operation is either proceeding or the bus is idle.
2.1.3
Identification inputs (ID0-ID3)
Up to 16 memories can be addressed on a bus, in the Firmware Hub (FWH) mode. The
Identification Inputs allow each device to be given a unique 4-bit address. A ‘0’ is signified
on a pin by driving it Low, VIL, or leaving it floating (since there is an internal pull-down
resistor, with a value of RIL). A ‘1’ is signified on a pin by driving it High, VIH (and there will
be a leakage current of ILI2 through the pin).
By convention, the boot memory must have address ‘0000’, and all additional memories are
given addresses, allocated sequentially, from ‘0001’.
In the Low Pin Count (LPC) mode, the identification Inputs (ID2-ID3) can address up to 4
memories on a bus. In the LPC mode, the ID0 and ID1 signals are Reserved for Future Use
(RFU). The value on address A20-A21 is compared to the hardware strapping on the ID2-
ID3 lines to select the memory that is being addressed. For an address bit to be ‘1’, the
corresponding ID pin can be left floating or driven Low, VIL (again, with the internal pull-
down resistor, with a value of RIL). For an address bit to be ‘0’, the corresponding ID pin
must be driven High, VIH (and there will be a leakage current of ILI2 through the pin, as
specified in Table 24). For details, see Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com