Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 16 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 12Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 13Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 14Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 15Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 16Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 17Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 18Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 19Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Signal descriptions
M50FLW080A, M50FLW080B
16/64
2.3
Supply signal descriptions
The Supply Signals are the same for both interfaces.
2.3.1
VCC supply voltage
The VCC Supply Voltage supplies the power for all operations (read, program, erase, etc.).
The Command Interface is disabled when the VCC Supply Voltage is less than the Lockout
Voltage, VLKO. This is to prevent Bus Write operations from accidentally damaging the data
during power up, power down and power surges. If the Program/Erase Controller is
programming or erasing during this time, the operation aborts, and the memory contents
that were being altered will be invalid. After VCC becomes valid, the Command Interface is
reset to Read mode.
A 0.1µF capacitor should be connected between the VCC Supply Voltage pins and the VSS
Ground pin to decouple the current surges from the power supply. Both VCC Supply Voltage
pins must be connected to the power supply. The PCB track widths must be sufficient to
carry the currents required during program and erase operations.
2.3.2
VPP optional supply voltage
The VPP Optional Supply Voltage pin is used to select the Fast Program (see the Quadruple
Byte Program command description in A/A Mux interface and the Double/Quadruple Byte
Program command description in FWH mode) and Fast Erase options of the memory.
When VPP = VCC, program and erase operations take place as normal. When VPP = VPPH,
Fast Program and Erase operations are used. Any other voltage input to VPP will result in
undefined behavior, and should not be used.
VPP should not be set to VPPH for more than 80 hours during the life of the memory.
2.3.3
VSS ground
VSS is the reference for all the voltage measurements.
Table 5.
Memory identification input configuration (LPC mode)
Memory Number
ID3
ID2
A21
A20
1 (Boot memory)
VIL or float
VIL or float
1
1
2VIL or float
VIH
10
3VIH
VIL or float
0
1
4VIH
VIH
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com