Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 38 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 34Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 35Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 36Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 37Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 38Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 39Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 40Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 41Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Program and Erase times
M50FLW080A, M50FLW080B
38/64
7
Program and Erase times
The Program and Erase times are shown in Table 18.
Table 18.
Program and Erase times
Parameter
Interface
Test Condition
Min
Typ(1)
1.
TA = 25°C, VCC = 3.3V
Max
Unit
Byte Program
10
200
µs
Double Byte Program
FWH
VPP = 12V ± 5%
10(2)
2.
Time to program two Bytes.
200
µs
Quadruple Byte Program
A/A Multiplexed
FWH
VPP = 12V ± 5%
10(3)
3.
Time to program four Bytes.
200
µs
Block Program
VPP = 12V ± 5%
0.1(4)
4.
Time obtained executing the Quadruple Byte Program command.
5
s
VPP = VCC
0.4
5
Sector Erase (4 KBytes)(5)
5.
Sampled only, not 100% tested.
VPP = 12V ± 5%
0.4
4
s
VPP = VCC
0.5
5
Block Erase (64 KBytes)
VPP = 12V ± 5%
0.75
8
s
VPP = VCC
110
Chip Erase
A/A Multiplexed
VPP = 12V ± 5%
10
s
Program/Erase Suspend to
Program pause(5)
5
µs
Program/Erase Suspend to Block
Erase/Sector Erase pause(5)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com