Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 18 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 14Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 15Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 16Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 17Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 18Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 19Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 20Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 21Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Bus operations
M50FLW080A, M50FLW080B
18/64
3.1.2
Bus Write
Bus Write operations are used to write to the Command Interface or Firmware Hub/Low Pin
Count Registers. A valid Bus Write operation starts on the rising edge of the Clock signal
when Input Communication Frame, FWH4/LFRAME, is Low, VIL, and the correct Start cycle
is present on FWH0/LAD0-FWH3/LAD3. On subsequent Clock cycles the Host will send to
the memory:
●
ID Select, Address, other control bits, Data0-Data3 and Data4-Data7 on FWH0-FWH3
in FWH mode.
●
Cycle Type + Dir, Address, other control bits, Data0-Data3 and Data4-Data7 on LAD0-
LAD3.
The device responds by outputting Sync data until the wait states have elapsed.
See Table 7 and Table 9, and Figure 7 and Figure 9, for a description of the Field definitions
for each clock cycle of the transfer. See Table 26, and Figure 14, for details on the timings of
the signals.
3.1.3
Bus Abort
The Bus Abort operation can be used to abort the current bus operation immediately. A Bus
Abort occurs when FWH4/LFRAME is driven Low, VIL, during the bus operation. The device
puts the Input/Output Communication pins, FWH0/LAD0-FWH3/LAD3, to high impedance.
Note that, during a Bus Write operation, the Command Interface starts executing the
command as soon as the data is fully received. A Bus Abort during the final TAR cycles is
not guaranteed to abort the command. The bus, however, will be released immediately.
3.1.4
Standby
When FWH4/LFRAME is High, VIH, the device is put into Standby mode, where
FWH0/LAD0-FWH3/LAD3 are put into a high-impedance state and the Supply Current is
reduced to the Standby level, ICC1.
3.1.5
Reset
During the Reset mode, all internal circuits are switched off, the device is deselected, and
the outputs are put to high-impedance. The device is in the Reset mode when Interface
Reset, RP, or CPU Reset, INIT, is driven Low, VIL. RP or INIT must be held Low, VIL, for
tPLPH. The memory reverts to the Read mode upon return from the Reset mode, and the
Lock Registers return to their default states regardless of their states before Reset. If RP or
INIT goes Low, VIL, during a Program or Erase operation, the operation is aborted and the
affected memory cells no longer contain valid data. The device can take up to tPLRH to abort
a Program or Erase operation.
3.1.6
Block Protection
Block Protection can be forced using the signals Top Block Lock, TBL, and Write Protect,
WP, regardless of the state of the Lock Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com