Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BK5P Datasheet(PDF) 17 Page - STMicroelectronics

Part # M50FLW080BK5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BK5P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M50FLW080BK5P Datasheet HTML 13Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 14Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 15Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 16Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 17Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 18Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 19Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 20Page - STMicroelectronics M50FLW080BK5P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
M50FLW080A, M50FLW080B
Bus operations
17/64
3
Bus operations
The two interfaces, A/A Mux and FWH/LPC, support similar operations, but with different
bus signals and timings. The Firmware Hub/Low Pin Count (FWH/LPC) Interface offers full
functionality, while the Address/Address Multiplexed (A/A Mux) Interface is orientated for
erase and program operations.
See the sections below, The Firmware Hub/low-pin-count (FWH/LPC) bus operations and
Address/Address multiplexed (A/A Mux) bus operations, for details of the bus operations on
each interface.
3.1
Firmware Hub/low-pin-count (FWH/LPC) bus operations
The M50FLW080 automatically identifies the type of FWH/LPC protocol from the first
received nibble (START nibble) and decodes the data that it receives afterwards, according
to the chosen FWH or LPC mode. The Firmware Hub/Low Pin Count (FWH/LPC) Interface
consists of four data signals (FWH0/LAD0-FWH3/LAD3), one control line (FWH4/LFRAME)
and a clock (CLK).
Protection against accidental or malicious data corruption is achieved using two additional
signals (TBL and WP). And two reset signals (RP and INIT) are available to put the memory
into a known state.
The data, control and clock signals are designed to be compatible with PCI electrical
specifications. The interface operates with clock speeds of up to 33MHz.
The following operations can be performed using the appropriate bus cycles: Bus Read, Bus
Write, Standby, Reset and Block Protection.
3.1.1
Bus Read
Bus Read operations are used to read from the memory cells, specific registers in the
Command Interface or Firmware Hub/Low Pin Count Registers. A valid Bus Read operation
starts on the rising edge of the Clock signal when the Input Communication Frame,
FWH4/LFRAME, is Low, VIL, and the correct Start cycle is present on FWH0/LAD0-
FWH3/LAD3. On subsequent clock cycles the Host will send to the memory:
●
ID Select, Address and other control bits on FWH0-FWH3 in FWH mode.
●
Type+Dir Address and other control bits on LAD0-LAD3 in LPC mode.
The device responds by outputting Sync data until the wait states have elapsed, followed by
Data0-Data3 and Data4-Data7.
See Table 6 and Table 8, and Figure 6 and Figure 8, for a description of the Field definitions
for each clock cycle of the transfer. See Table 26, and Figure 14, for details on the timings of
the signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com