Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPCR06C Datasheet HTML 1Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 2Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 3Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
3
JAN. 09, 2009
Version: 1.0
SINGLE-CHIP VOICE
RECORD/PLAYBACK DEVICE
1. GENERAL DESCRIPTION
GPCR06C, a new recordable and playback voice device, which
stores 4 to 8 seconds of audio or speech voice by oscillator
resistor options.
Two recording modes and selective recording
and
playback
triggers
are
built-in.
In
addition
to
two
recording/playback LED indicators, GPCR06C also features
PWM output to individually drive speaker or buzzer.
The
GPCR06C contains all of necessary functions to enhance the
voice quality in recording and playback.
It can be widely used in
compact message recorder, recordable toys and other similar
products as well.
2. FEATURES
Operation Voltage: 2.4V-3.6V (for 2-battery)
3.6V-5.5V (for 3-battery)
─ Bonding option BAT_OPT: selects 2 or 3 batteries
Standby current: <2uA @ 3V
Recording duration adjustment by changing sample rate
(4k~8KHz)
Low pass filter built-in
Selective recording and playback triggers
─ RECOB_E: Falling edge trigger recording on/off
─ RECOB_L: Low level trigger recording on
─ PALYB_E: Falling edge trigger playing on/off
─ PALYB_L: Low level trigger playing on
Play one-beep sound at the beginning of record and three-beep
when stop recording
─ Bonding option BEEP_OPT: beep sound enabled or disabled
Two recording/playback indicators to drive LED
PWM output to drive speaker or buzzer directly
Two recording modes available
─ Speaker/microphone alone or shared mode
3. BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com