Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCR06C Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 10Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 11Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
8
JAN. 09, 2009
Version: 1.0
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Ratings
Operating Temperature
0
°C to 70°C
Storage Temperature Range
-65
°C to 150°C
Voltage Applied to Any Pin
(VSS-0.3V) to (VDD+0.3V)
Note: Stresses beyond those given in the Absolute Maximum Ratings table may cause operational errors or damage to the device.
For normal operational
conditions see AC/DC Electrical Characteristics.
7.2. DC Characteristics (TA = 25℃,VDD = 3.0V)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Input Low Voltage
VIL
VSS
-
0.2xVDD
V
-
Input High Voltage
VIH
0.7xVDD
-
VDD
V
-
Operation Voltage
VDD
2.4
-
3.6
V
For 2-battery
IOP1
-
3
-
mA
Recording, No load, VDD = 3.0V
Operation Current
IOP2
-
0.3
-
mA
Playing, No load, VDD = 3.0V
Standby Current
ISB
-
-
2.0
uA
VDD = 3.0V
IND_P/IND_R Output Current
IOL
-
30
-
mA
VDD = 3.0V, VOL = 0.6V
IOL
-
120
-
mA
VDD = 3.0V, VOL = 0.6V
PWM Output Current
IOH
-
-80
-
mA
VDD = 3.0V, VOH = 2.4V
ROSC Resistor
ROSC
-
620
-
K
Ω
VDD = 3.0V, SR = 4.0KHz
Input Current for KEY in
IIN
-
1
-
uA
VDD = 3.0V, VIN = VSS
7.3. DC Characteristics (TA = 25℃,VDD = 5.0V)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Input Low Voltage
VIL
VSS
-
0.2xVDD
V
-
Input High Voltage
VIH
0.7xVDD
-
VDD
V
-
Operation Voltage
VDD
3.6
-
5.5
V
For 3-battery
IOP1
-
4
-
mA
Recording, No load, VDD = 5.0V
Operation Current
IOP2
-
0.6
-
mA
Playing, No load, VDD = 5.0V
Standby Current
ISB
-
-
2.0
uA
VDD = 5.0V
IND_P/IND_R Output Current
IOL
-
75
-
mA
VDD = 5.0V, VOL = 1.0V
IOL
-
260
-
mA
VDD = 5.0V, VOL = 1.0V
PWM Output Current
IOH
-
-180
-
mA
VDD = 5.0V, VOH = 4.0V
ROSC Resistor
ROSC
-
430
-
K
Ω
VDD = 5.0V, SR = 6.0KHz
Input Current for KEY in
IIN
-
3.5
-
uA
VDD = 5.0V, VIN = VSS
7.4. Sample rate VS. Duration
Sample Rate
4.0KHz
5.0KHz
5.3KHz
6.0KHz
6.4KHz
7.0KHz
8.0KHz
Duration
8.0 sec
6.4sec
6.0 sec
5.3 sec
5.0 sec
4.6sec
4.0sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com