Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 10Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 11Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 12Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 13Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 14Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
11
JAN. 09, 2009
Version: 1.0
8.2. Application Circuit - (Speaker/Microphone Shared)
PCB Layout Guidelines:
1. VDD and AVDD must be connected to power input port (VCC) directly and independently, meaning not branch from one or another.
2. VSS and AVSS must be connected to power input port (GND) directly and independently, meaning not branch from one or another.
3. C2 is suggested 0.1uF, the IC power is more stable if increase C2.
And C2 should be as closed as possible in between VDD/AVDD
connecting points to VCC and VSS/AVSS connecting points to GND.
8.3. Key in Pin Pull-High Resistance
PIN PAD
R
VDD
DATA IN
5V ,equivalent resistance = 1 M
Ω
3V ,equivalent resistance = 2 M
Ω
3V ,equivalent resistance = 2M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com