Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPCR06C Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 10Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 11Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 12Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
9
JAN. 09, 2009
Version: 1.0
7.5. The Relationships between the ROSC and the SR
7.6. The Relationships between the SR and the VDD
3
4
5
6
7
8
9
12
345
67
VDD(V)
Rosc=330Kohm
Rosc=430Kohm
Rosc=620Kohm
7.5.1. VDD = 3.0V, TA = 25℃
300
330
360
390
430
470
510
560
620
3
4
5
6
7
8
9
250
300
350
400
450
500
550
600
650
Rosc(Kohm)
7.5.2. VDD = 4.5V, TA = 25℃
300
330
360
390
430
470
510
560
620
3
4
5
6
7
8
9
250
300
350
400
450
500
550
600
650
Rosc(Kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com