Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPCR06C Datasheet HTML 2Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 3Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
6
JAN. 09, 2009
Version: 1.0
6. TIMING DIAGRAM
6.1. Recording Mode
(a).Edge trigger
RECOB_E
BEEP Sound
IND_R
Voice
tDBS t wait
tbeep
Memory full
tDBS
tDBS t wait
tbeep
t beep
t beep
Note: 1. The de-bounce time (tDBS) is about 37.3 ms, (@ sampling rate=6KHz).
2. The beep time (tbeep) is beep sound duration, which is about 64 ms, (@ sampling rate=6KHz).
3. The wait time (twait) is for internal circuit setup time, which is about 85.3 ms, (@ sampling rate=6KHz).
(b).Level trigger
RECOB_L
BEEP Sound
IND_R
Voice
tDBS t wait
tbeep
Memory full
tDBS t wait
tbeep
t beep
t beep
6.2. Playback Mode
(a).Edge trigger
PLAYB_E
IND_P
Voice
the same as recording duration
tDBS
t DBS
the same as recording duration
Note: The playback duration will be the same as recording duration, if no any key is pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com