Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR06C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPCR06C
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCR06C Datasheet HTML 1Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 2Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 3Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GPCR06C
© Generalplus Technology Inc.
Proprietary & Confidential
4
JAN. 09, 2009
Version: 1.0
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
PLAYB_E
1
I
Trigger input for playback, Edge/non-hold/non-retrigger mode (i.e. One-shot)
PLAYB_L
2
I
Trigger input for playback, Level/Hold mode
RECOB_L
3
I
Trigger input for recording, Level/Hold mode
RECOB_E
4
I
Trigger input for recording, Edge/non-hold/non-retrigger mode (i.e. One-shot)
NC
5
-
N/A
VSS,AVSS
6, 18
G
Digital and Analog ground buses
ROSC
7
I
R oscillator input
BEEP_OPT
8
I
Option pin for “Beep” function enable (not bonding to VDD)/disable(bonding to VDD)
VDD, AVDD
9, 15
P
Digital and Analog power buses
BAT_OPT
10
I
Option pin to select 3 batteries (not bonding to VDD)/2 batteries (bonding to VDD)
IND_P
11
O
Playback indicator, low active
IND_R
12
O
Recording indicator, low active
OP1I
13
I
OP input of microphone Preamplifier
OP1O
14
O
OP output of microphone Preamplifier
AUDP
16
O
PWM driver positive output
AUDN
17
O
PWM driver negative output
Note: The shape of bonding option pad looks like in the figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com