Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 3 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 3 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3-36
Absolute Maximum Ratings
Thermal Information
ICL8052, ICL8068
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18V
Differential Input Voltage
(8068) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30V
(8052) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Input Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±15V
Output Short Circuit Duration All Outputs (Note 2). . . . . . . Indefinite
ICL71C03
Power Supply Voltage (GND to V+) . . . . . . . . . . . . . . . . . . . . . 6.5V
Negative Supply Voltage (GND to V-). . . . . . . . . . . . . . . . . . . . .-17V
Analog Input Voltage (Note 3) . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Digital Input Voltage (Note 4) . . . . . . . . (GND - 0.3V) to (V+ + 0.3V)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 5)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
75
20
14 Ld PDIP Package . . . . . . . . . . . . . .
100
N/A
28 Ld PDIP Package . . . . . . . . . . . . . .
65
N/A
Maximum Storage Temperature . . . . . . . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
2. Short circuit may be to ground or either supply. Rating applies to 70oC ambient temperature.
3. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
4. Connecting any digital inputs or outputs to voltages greater then V+ or less than GND may cause destructive device latchup. For this
reason it is recommended that the power supply to the ICL71C03 be established before any inputs from sources not on that supply are
applied.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Clock In, Run/Hold, 4 1/2 / 3 1/2
IINL
VIN = 0
-
0.2
0.6
mA
IINH
VIN = +5V
-
0.1
10
µA
Comp. In Current
IINL
VIN = 0
-
0.1
10
µA
IINH
VIN = +5V
-
0.1
10
µA
Threshold Voltage
VINTH
-
2.5
-
V
All Outputs
VOL
IOL = 1.6mA
-
0.25
0.40
V
B1, B2, B4, B8,D1, D2, D3, D4, D5
VOH
IOH = -1mA
2.4
4.2
-
V
Busy, Strobe, Over-Range, Under-Range Polarity
VOH
IOH = -10µA
4.9
4.99
-
V
Switches 1, 3, 4, 5, 6
rDS(ON)
-
400
-
Ω
Switch 2
rDS(ON)
-
1200
-
Ω
Switch Leakage (All)
ID(OFF)
-2-
pA
+5V Supply Range
V+
4
5
6
V
-15V Supply Range
V-
-5
-15
-18
V
+5V Supply Current
I+
fCLK = 0
-
1.1
3
mA
-15V Supply Current
I-
fCLK = 0
-
0.8
3
mA
Power Dissipation Capacitance
CPD
vs Clock Frequency
-
40
-
pF
Clock Frequency (Note 6)
DC
2000
1200
kHz
NOTE:
6. This specification relates to the clock frequency range over which the ICL71C03(A) will correctly perform its various functions. See the
“Max Clock Frequency” section under Component Value Selection for limitations on the clock frequency range in a system.
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com