Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 14 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 14 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
3-47
FIGURE 10. DRIVING LCD DISPLAYS
V+
41/2 / 31/2
POL
R/H
COMP IN
V-
REF
REF. CAP. 1
REF. CAP. 2
INPUT
ANALOG GND
CLOCK
UR
OR
BUSY
D2
D3
D4
B8
B2
D5
STROBE
A-Z IN
A-Z OUT
DIG GND
D1
B4
B1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ICL71C03
5 BP
31 D1
32 D2
33 D3
34 D4
30 B3
29 B2
28 B1
27 B0
35 V-
37 - 40
6 - 26
2, 3, 4
OSC 36
V+ 1
+5V
BACKPLANE
28 SEGMENTS
D1 - D4
41/2 DIGIT LCD DISPLAY
+5V
-15V
1
µF
0.1
µF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ICL8052 (A)
8068 (A)
22-100pF
OPTIONAL
CAPACITOR
+5V
100k
Ω
INPUT
300
µF
36k
Ω
300k
Ω
-15V
-15V
1.0
µF
0.22
µF
+15V
100k
Ω
10
µF
5k
Ω
10k
Ω
0V
CLOCK IN (120kHz = 3 READINGS/SEC)
0V
11 10 9 2 6
13
8
7
CD4054A
14 12 5 3 4
15
16
1
+5V
0V
ANALOG GND
ICM7211A
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com