Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 1 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 1 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
3-34
Features
• Typically Less Than 2
µVP-P Noise (200.00mV Full
Scale, lCL8068)
• Accuracy Guaranteed to
±1 Count Over Entire ±20,000
Counts (2.0000V Full Scale)
• Guaranteed Zero Reading for 0V Input
• True Polarity at Zero Count for Precise Null Detection
• Single Reference Voltage Required
• Over-Range and Under-Range Signals Available for
Auto-Ranging Capability
• All Outputs TTL Compatible
• Medium Quality Reference, 40ppm (Typ) on Board
• Blinking Display Gives Visual Indication of Over
Range
• Six Auxiliary Inputs/Outputs are Available for
Interfacing to UARTs, Microprocessors or Other
Complex Circuitry
• 5pA Input Current (Typ) (8052A)
Description
The ICL8052 or ICL8068/lCL71C03 chip pairs with their
multiplexed BCD output and digit drivers are ideally suited
for the visual display DVM/DPM market. The outstanding
41/2 digit accuracy, 200.00mV to 2.0000V full scale capabil-
ity, auto-zero and auto-polarity combine with true ratiometric
operation, almost ideal differential linearity and time-proven
dual slope conversion. Use of these chip pairs eliminates
clock feedthrough problems, and avoids the critical board
layout usually required to minimize charge injection.
When only 2000 counts of resolution are required, the 71C03
can be wired for 31/2 digits and give up to 30 readings/sec.,
making it ideally suited for a wide variety of applications.
The ICL71C03 is an improved CMOS plug-in replacement for
the lCL7103 and should be used in all new designs.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICL8052CPD
0 to 70
14 Ld PDIP
E14.3
lCL8052CDD
0 to 70
14 Ld CERDIP
F14.3
lCL8052ACPD
0 to 70
14 Ld PDIP
E14.3
ICL8052ACDD
0 to 70
14 Ld CERDIP
F14.3
ICL8068CDD
0 to 70
14 Ld CERDIP
F14.3
ICL8068ACDD
0 to 70
14 Ld CERDIP
F14.3
lCL8068ACJD
0 to 70
14 Ld CERDIP
F14.3
ICL71C03CPl
0 to 70
28 Ld PDIP
E28.6
lCL71C03ACPl
0 to 70
28 Ld PDIP
E28.6
ICL8052/ICL8068
(CERDIP, PDIP)
TOP VIEW
ICL71C03 (PDIP)
TOP VIEW
V-
COMP OUT
REF CAP
REF BYPASS
GND
REF OUT
REF SUPPLY
INT OUT
+BUFF IN
+INT IN
-INT IN
-BUFF IN
BUFF OUT
V++
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-1.2V
VREF
ICL8052/
ICL8068
V+
41/2 / 3
1/
2
POL
RUN/HOLD
COMP IN
V-
REFERENCE
REF. CAP. 1
REF. CAP. 2
ANALOG IN
ANALOG GND
CLOCK IN
UNDER-RANGE
OVER-RANGE
BUSY
D2
D3
D4
B8 (MSB)
B2
D5 (MSD)
STROBE
A-Z IN
A-Z OUT
DIGITAL GND
D1 (LSD)
B4
B1 (LSB)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
August 1997
ICL8052/ICL71C03,
ICL8068/ICL71C03
Precision 41/2 Digit, A/D Converter
File Number
3081.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - LCL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCL8052ACPD INTERSIL-LCL8052ACPD Datasheet
198Kb / 21P
14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
August 1997
LCL8052ACPD INTERSIL-LCL8052ACPD Datasheet
582Kb / 23P
Precision 4 1/2 Digit, A/D Converter
May 2001
More results

Similar Description - LCL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
October 25, 2004
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
4-1/2 Digit A/D Converter
2002
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LED
LD120 ETC-LD120 Datasheet
2Mb / 9P
4 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
Precision 4 1/2 Digit, A/D Converter
May 2001
logo
Microchip Technology
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
4-1/2 Digit A/D Converter
2004
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com