Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 2 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 2 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3-35
Functional Block Diagram
FIGURE 1.
A2
+
-
A3
+
-
INTEG.
COMP.
A1
+
-
BUFFER
14
11
9
INT OUT
-INT IN
BUF OUT
10
-BUF IN
-1.2V
2
1
-15V
7
8
+15V
12
+INT IN
13
ICL8052/8068
INT.
REF.
6
3
+BUF IN
5
REF
OUT
10k
Ω
1k
Ω
300pF
10
µF
COMP
OUT
COMP IN
5
16
9
MULTIPLEXER
COUNTERS
20
CONTROL LOGIC
ZERO
CROSSING
DETECTOR
21
22
23
ICL71C03
REF
AZ OUT
SW3
1
+5V
ANALOG
GND
ANALOG
INPUT
28
BUSY
18
STROBE
13
UNDER
14
12
CLOCK
2
4 1/2 DIGIT/
2
6
5
1
4
10
µF (TYP)
CAP 2
REF
CAP 1
8
7
10
11
10k
Ω
0.1
µF
REF
1
µF (TYP)
17
AZ IN
6
-15V
15
0.22
µF
10k
Ω
90k
Ω
100k
Ω
4
IN
RUN/
HOLD
RANGE
OVER
RANGE
3 1/2 DIGIT
B1
B2
B3
B4
LATCH
LATCH
LATCH
LATCH
LATCH
LSD
MSD
SEVEN-
SEGMENT
DECODER
3
19
24
25
26
27
D5
D4
D3
D2
D1
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com