Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 5 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 5 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3-38
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL = 30kΩ
-
4000
-
-
-
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.5
1.75
2.0
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
-
5
-
Ω
Temperature Coefficient
TC
-
50
-
-
40
-
ppm/oC
Supply Voltage (V++ -V-)
VSUPPLY
±10
-
±16
±10
-
±16
V
Supply Current Total
ISUPPLY
-
6
12
-
6
14
mA
NOTES:
7. The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents are measured with junctions at ambient temperature. In normal
operation the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD.
TJ =TA +RθJAPD, where RθJA is the thermal resistance from junction to ambient. A heat sink can be used to reduce temperature rise.
8. This is the only component that causes error in dual-slope converter.
System Electrical Specifications: ICL8068/ICL71C03
V++ = +15V, V+ = +5V, V- = -15V, TA = 25
oC, f
CLK Set for 3 Readings/Sec.
PARAMETER
TEST
CONDITIONS
ICL8068A/ICL71C03
(NOTE 9)
ICL8068A/ICL71C03
(NOTE 10)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN = 0V,
Full Scale = 200mV
-000.0
±000.0
+000.0
-000.0
±000.0
000.0
Digital
Reading
Ratiometric Error (Note 11)
VIN = VREF
Full Scale = 2V
0.999
1.000
1.001
0.9999
1.0000
1.0001
Digital
Reading
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-2V
≤ VIN ≤ +2V
-
0.2
1
-
0.5
1
Counts
Differential Linearity (Difference
between Worst Case Step of Adjacent
Counts and Ideal Step)
-2V
≤ VIN ≤ +2V
-
0.01
-
-
0.01
-
Counts
Rollover Error (Difference in Reading
for Equal Positive & Negative Voltage
Near Full Scale)
-VIN ≅ +VIN ≈ 2V
-
0.2
1
-
0.5
1
Counts
Noise (P-P Value Not Exceeded 95%
of Time)
VIN = 0V,
Full Scale = 200mV
-3-
-
2-
µV
Leakage Current at Input
VIN = 0V
-
200
300
-
100
200
pA
Zero Reading Drift (Note 12)
VIN = 0V,
0oC
≤ TA ≤ 50oC
-
1
5
-
0.5
2
µV/oC
Scale Factor Temperature Coefficient
(Note 12)
VIN = 2V,
0oC
≤ TA ≤ 50oC
Ext. Ref. 0ppm/oC
-
3
15
-
2
5
ppm/oC
ICL8052 Electrical Specifications VSUPPLY = ±15V, TA = 25oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
ICL8052
ICL8052A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com