Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 7 Page - Intersil Corporation

Part # LCL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 7 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
3-40
FIGURE 2A. PHASE I AUTO-ZERO
FIGURE 2B. PHASE II INTEGRATE INPUT
FIGURE 2C. PHASE III + DEINTEGRATE
FIGURE 2D. PHASE III - DEINTEGRATE
FIGURE 2. ANALOG SECTION OF EITHER ICL8052 OR ICL8068 WITH ICL71C03
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com