Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSCBT Datasheet HTML 1Page - Mixed Signal Integration MSCBT Datasheet HTML 2Page - Mixed Signal Integration MSCBT Datasheet HTML 3Page - Mixed Signal Integration MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical Characteristics
(VDD = +3.3V, T = 25o C)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP
MAX
UNITS
---------------------------------------------------------------------------------------------------
DC Specifications
--------------------------------------- -------------------------------------------
Operating Voltage
VDD
3.3
5.0
5.5
V
---------------------------------------------------------------------------------------------------
Supply Current
IDD
4.0
mA
-------------------------------------------------------------------------------------------------
Power Down Current
IDDPD
300
500
uA
------------------------------------------
Analog Ref. Voltage
VREF
0.5*VDD
V
------------------------------------------
Input Voltage Low
VIL
0.3*VDD
V
---------------------------------------------------------
Input Voltage High
VIH
0.7*VDD
V
---------------------------------------------------------------- --
Output Voltage Low
VOL
0.3
V
--------------------------------------------------------------------
Output Voltage High
VOH
0.8*VDD
V
-----------------------------------------------------------------------------------------------
Input Current
10
uA
--------------------------------------------------------------------------------------------------
Output Current High
IOH
200
uA
---------------------------------------------------------------------------
Output Current Low
IOL
2
mA
--------------------------------------------------------------------------
AC Specifications
---------------------------------------------------------------------------------------------------
Serial Data Clock Rate
0.2
MHz
CTCSS Passband Gain
250 Hz
-1
1
dB
CTCSS Stopband Gain
500 Hz
-35
dB
Speech Filter Passband Gain
-1
1
dB
Speech Filter Stopband Gain
-------------------------------------------------------------------------- ------------------------
Master Clock Frequency
3.57955
MHz
www.mix-sig.com
©
2014 Mixed Signal Integration
2
10/2014
Communications Baseband Transceiver
Data Sheet
Application IInformation
_______
The MSCBT is controlled by a serial data word which
contains both the address and and data in a single 16
bit string. Figure 3 shows the timing of the Serial data
clock, sync pulse and data I/O. For Analog to Digital
conversion, the data port changes from input to output
when the ADC is read and with the transition of high
to low of ENBL. Figure 4 gives the details. Note that
the I/O connected to DATA must switch from output to
input after the first cycle after ENBL going low.
Note that to simplify the text the CTCSS and
CDCSS filters are referred to as CxCSS filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com