Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSCBT Datasheet HTML 1Page - Mixed Signal Integration MSCBT Datasheet HTML 2Page - Mixed Signal Integration MSCBT Datasheet HTML 3Page - Mixed Signal Integration MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D
Description
_________________
The MSCBT IC is a CMOS chip that has the ana-
log signal processing functions required by cellular
phones and radio and other full duplex and half
duplex devices.
The MSCBT integrated circuit allows bi-directional
transmit and receive gain volume and filtering for
the voice band. In addition, the MSCBT provides
the
filter needed for Continuous Tone Control
Squelch System (CTCSS) and Continuous Digital
Control Squelch
System (CDCSS)
generation
and
detection.
A comparator in the MSCBT allows for
the recovered squelch or DTMF tones
to be
applied to a microcontroller for decoding.
An internal highpass filter attenuates the tones from
the voice band, by 50 dB, preventing voice
from
effecting tone transmission.
A limiter increases the
voice signals to be transmitted to 2Vpp for more
effective modulation.
The transmit output is fil-
tered to a selectable 2.55 or 3kHz bandwidth
before gain adjusts.
A differential output is pro-
vided for interface with a variety of FM transmitter
choices.
The MSCBT will operate from 3.3 V to 5.5 VDC.
The MSCBT is available in a 32 pin 7x7mm LQFP.
FFeatures ___________________________
Function down to 3.3 VDC
Low Power Consumption
50 CTCSS Squelch Tones filtered
CDCSS Code filter
Programmable filter for pre-detection filtering
Comparator for direct uP interface of detected signals
Applications_______________________
Family Radio Service (FRS) 2-way Radio
Land Mobile Radio (LMR) 2 way Radios
General Mobile Radio Service (GMRS) 2 way Radios
Low Power Radio Service (LPRS) 2 way Cellular
Non-standard Voice-band communications
Wired and Wireless Intercom
Half-Duplex Speakerphone Analog Signal Processing
Full-Duplex Speakerphone Analog Signal Processing
Absolute M
Maximum R
Ratings______
Power Supply Voltage
+6v
Storage Temperature
-60 to +150
°C
Operating Temperature
-20 to +85
°C
10/2014
Communications Baseband Transceiver
Data Sheet
www.mix-sig.com
©
2014 Mixed Signal Integration
1
RXIN
67 Hz to 500 Hz
CxCSS Tone
TXTone
CTCSS/CDCSS TONE
FILTER
GAIN
RXTIN+
COUT
RXTIN-
TONEIN
OUT-
MICIN
OUT+
RXIN
VOUT
DA2O
ADIN
DA1O
VDDD
VDDA
AGND
BYPASS
DGND
VSS
X1
X2
RECEIVED SIGNAL SIGNAL
PROCESSING
SERIAL
CONTROL INTERFACE
TRANSMIT SIGNAL PROCESSING
8-BIT A-to-D
CONVERTER
8-BIT D-to-A
CONVERTER
8-BIT D-to-A
CONVERTER
Figure 1: MSCBT Block Diagram


Similar Part No. - MSCBT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSC ADAM-TECH-MSC Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
AC-DC Medical
logo
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
Safety Chip Capacitors
logo
Neutrik AG
MSC NEUTRIK-MSC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MSC TEC-MSC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MSCBT

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102 ZMD-ZMD44102 Datasheet
197Kb / 1P
Robust Communications RF Transceiver 868MHz to 928MHz
logo
National Semiconductor ...
LMX2411 NSC-LMX2411 Datasheet
163Kb / 10P
Baseband Processor for Radio Communications
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
GPS Baseband GPS Baseband
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM89071A1CUBXG CYPRESS-BCM89071A1CUBXG Datasheet
1Mb / 69P
Single-Chip Automotive Grade Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
Single-Chip Bluetooth Transceiver and Baseband Processor
logo
Semtech Corporation
SX1302 SEMTECH-SX1302 Datasheet
561Kb / 31P
LoRa Gateway Baseband Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com