Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 11 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 11 Page - Mixed Signal Integration

Back Button MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration MSCBT Datasheet HTML 10Page - Mixed Signal Integration MSCBT Datasheet HTML 11Page - Mixed Signal Integration MSCBT Datasheet HTML 12Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NC_1
VDDA
RXIN
TXTONE
ADIN
NC_6
NC_7
SLEEP
X1
DATA
DGND
RXTIN+
COMPOUT
RXTIN-
CxCSSTOUT
AGND
U1
MSCBT
Analog_to_Digital_In
X1
HC-49/U_3MHz
3.579545 MHz
2
1
R1
10Mohm
C1
33pF
C2
33pF
3.3V
VDD
C3
100nF
C4
10uF
3.3V
VDD
C5
100nF
C6
10uF
Digital_to_Analog_o1
Digital_to_Analog_o2
R2
10kohm
Enable_Data_I_0
R3
10kohm
Data_Clock_I_O
C7
100nF
R4
1.0Mohm
R5
10kohm
CxCSS_DECODE_OUT
R6
10kohm
R7
10kohm
Demod_Tones_In
Transmit_Tone_In
Serial_Data_In
CxCSS_TX_OUT
DTMF_Input
C8
470nF
To_Modulator_N
To_Modulator_P
From_Receive_Audio
From_TX_Microphone
To_Speaker_Amp
1
32
10//2014
Communications Baseband Transceiver
Data Sheet
www.mix-sig.com
©
2014 Mixed Signal Integration
11
PPin D
Descriptions (Continued))
_______
Pin Number
Pin Name
Description
29
MICIN
Microphone Audio Input
+10 dB fixed Gain
on Input
30
RXIN1
Receive Audio Input
+10 dB fixed Gain
on Input
Pin Number
Pin Name
Description
31
OUT+
Positive Modulator Output
For connection to FM
Differential Input
32
OUT-
Positive Modulator Output
For connection to FM
Differential Input
Figure 5: MSCBT Evaluation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com