Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 10 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 10 Page - Mixed Signal Integration

Back Button MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration MSCBT Datasheet HTML 10Page - Mixed Signal Integration MSCBT Datasheet HTML 11Page - Mixed Signal Integration MSCBT Datasheet HTML 12Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.mix-sig.com
©
2014 Mixed Signal Integration
10
10/2014
Communications Baseband Transceiver
Data Sheet
NC_1
VDDA
RXIN
TXTONE
ADIN
NC_6
NC_7
SLEEP
X1
DATA
DGND
RXTIN+
COMPOUT
RXTIN-
CxCSSTOUT
AGND
U1
MSCBT
1
32
PPin D
Descriptions
_______
Pin Number
Pin Name
Description
1
NC_1
DO NOT CONNECT TO
THIS PIN.
For testing only
2
VDDA
Positive Analog Supply.
Nominally 3.30 VDC.
Decouple with 0.1 uF cap.
3
RXIN
Receive signal pin input.
This is the input for CTCSS
or CDCSS
filtering.
4
TXTONE Transmit modulation signal input
Squarewave CTCSS or CTCSS
data filter input.
5
ADIN
Analog to Digital converter
input
6
NC_6
DO NOT CONNECT TO
THIS PIN.
For testing only
7
NC_7
DO NOT CONNECT TO
THIS PIN.
For testing only
8
SLEEP
Power down when Low
Pin Number
Pin Name
Description
9
DAC1O
DAC1 OUTPUT
10
DAC2O
DAC2 OUTPUT
11
ENABLE
Enables serial I/O port
when low.
12
CLOCK
Serial Data Clock input
13
RESET
Resets Digital functions
when low
14
VREF
Voltage Reference. Generated
internally Decouple with
10 uF
capacitor
15
DVDD
DIGITAL POSITIVE SUPPLY
A 0.1 uF decoupling capacitor
is needed.
nominally 3.3VDC
16
X2
CRYSTAL OSCILLATOR OUTPUT
3.579545 MHz crystal is tied
to this pin
17
X1
CRYSTAL OSCILLATOR INPUT
3.579545 MHz crystal is tied
to this pin
18
DATA
SERIAL DATA I/O
This input becomes an output
when reading A/D converter
19
DGND
DIGITAL GROUND. Tie to 0VDC
20
RXTIN+
POSITIVE COMPARATOR INPUT
21
COMPOUT
COMPARATOR OUTPUT
22
RXTIN-
NEGATIVE COMPARATOR INPUT
23
CxCSSOUT
TONE FILTER OUTPUT
24
AGND
ANALOG GROUND (0Vdc)
25
TONEIN
CxCSS or DTMF TONE
TRANSMISSION INPUT
27
AGND
ANALOG GROUND (0Vdc)
28
BYPASS
TIE 10 uF CAPACITOR TO AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com