Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 8 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 8 Page - Mixed Signal Integration

Back Button MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration MSCBT Datasheet HTML 10Page - Mixed Signal Integration MSCBT Datasheet HTML 11Page - Mixed Signal Integration MSCBT Datasheet HTML 12Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
R
Register 5
_____
ADDRESS
DATA
R/W
A4 A3 A2 A1 A0 D9 D8 D7 D6 D5 GATT3
D4 D3 D2 D1 D0
1
X
X
1
0
1
0
0
0
0
0
-4.00 dB
X
X
X
X
X
1
X
X
1
0
1
0
0
0
0
1
-3.75
X
X
X
X
X
1
X
X
1
0
1
0
0
0
1
0
-3.50
X
X
X
X
X
1
X
X
1
0
1
0
0
0
1
1
-3.25
X
X
X
X
X
1
X
X
1
0
1
0
0
1
0
0
-3.00
X
X
X
X
X
1
X
X
1
0
1
0
0
1
0
1
-2.75
X
X
X
X
X
1
X
X
1
0
1
0
0
1
1
0
-2.50
X
X
X
X
X
1
X
X
1
0
1
0
0
1
1
1
-2.25
X
X
X
X
X
1
X
X
1
0
1
0
1
0
0
0
-2.00
X
X
X
X
X
1
X
X
1
0
1
0
1
0
0
1
-1.75
X
X
X
X
X
1
X
X
1
0
1
0
1
0
1
0
-1.50
X
X
X
X
X
1
X
X
1
0
1
0
1
0
1
1
-1.25
X
X
X
X
X
1
X
X
1
0
1
0
1
1
0
0
-1.00
X
X
X
X
X
1
X
X
1
0
1
0
1
1
0
1
-0.75
X
X
X
X
X
1
X
X
1
0
1
0
1
1
1
0
-0.50
X
X
X
X
X
1
X
X
1
0
1
0
1
1
1
1
-0.25
X
X
X
X
X
1
X
X
1
0
1
1
0
0
0
0
-0.00
X
X
X
X
X
1
X
X
1
0
1
1
0
0
0
1
+0.25
X
X
X
X
X
1
X
X
1
0
1
1
0
0
1
0
+0.50
X
X
X
X
X
1
X
X
1
0
1
1
0
0
1
1
+0.75
X
X
X
X
X
1
X
X
1
0
1
1
0
1
0
0
+1.00
X
X
X
X
X
1
X
X
1
0
1
1
0
1
0
1
+1.25
X
X
X
X
X
1
X
X
1
0
1
1
0
1
1
0
+1.50
X
X
X
X
X
1
X
X
1
0
1
1
0
1
1
1
+1.75
X
X
X
X
X
1
X
X
1
0
1
1
1
0
0
0
+2.00
X
X
X
X
X
1
X
X
1
0
1
1
1
0
0
1
+2.25
X
X
X
X
X
1
X
X
1
0
1
1
1
0
1
0
+2.50
X
X
X
X
X
1
X
X
1
0
1
1
1
0
1
1
+2.75
X
X
X
X
X
1
X
X
1
0
1
1
1
1
0
0
+3.00
X
X
X
X
X
1
X
X
1
0
1
1
1
1
0
1
+3.25
X
X
X
X
X
1
X
X
1
0
1
1
1
1
1
0
+3.50
X
X
X
X
X
1
X
X
1
0
1
1
1
1
1
1
+3.75
X
X
X
X
X
R
Register 4
_____
ADDRESS
DATA
R/W
A4 A3 A2 A1 A0 D9 D8 D7 D6 D5 D4 ATTN
D3 D2
TXSUM
D1 D0
1
X
X
1
0
0
X
X
X
X
X
0
0
0
0
MUTE
X
X
1
X
X
1
0
0
X
X
X
X
X
1
-6
0
1
TX AUDIO 0dB
X
X
1
X
X
1
0
0
X
X
X
X
X
1
0
SUBAUDIO 0dB
X
X
1
X
X
1
0
0
X
X
X
X
X
1
1
TX AUDIO 0dB
X
X
SUM SUB AUDIO -15.6 dB
10/2014
Communications Baseband Transceiver
Data Sheet
www.mix-sig.com
©
2014 Mixed Signal Integration
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com