Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCBT Datasheet(PDF) 9 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 9 Page - Mixed Signal Integration

Back Button MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration MSCBT Datasheet HTML 10Page - Mixed Signal Integration MSCBT Datasheet HTML 11Page - Mixed Signal Integration MSCBT Datasheet HTML 12Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.mix-sig.com
©
2014 Mixed Signal Integration
9
R
Register 7
______
ADDRESS
DATA
R/W A4 A3 A2 A1 A0 D9 D8
D7
D6
D5
D4
D3
D2
D1
D1
D0
1
X
X
1 1
1
0
0
X
X
X
X
X
X
X
X
X
R
Register 6
_____
ADDRESS
DATA
R/W A4 A3 A2 A1 A0 D9
DAC
D8
D7 D6 D5 D4 D3 D2 D1 DAC2 OUTPUT
DAC1 OUTPUT
D0
1
X
X
1
1
0
0
DAC1
0
0
0
0
0
0
0
0
LAST SETTING
0.0 V
X
1
X
X
1
1
0
0
DAC1
0
0
0
0
0
1
0
0
LAST SETTING
0.052
X
1
X
X
1
1
0
0
DAC1
0
0
0
0
1
0
0
0
LAST SETTING
0.103
X
1
X
X
1
1
0
0
DAC1
0
0
0
1
0
0
0
0
LAST SETTING
0.2063
X
1
X
X
1
1
0
0
DAC1
0
0
1
0
0
0
0
0
LAST SETTING
0.413
X
1
X
X
1
1
0
0
DAC1
0
1
0
0
0
0
0
0
LAST SETTING
0.826
X
1
X
X
1
1
0
0
DAC1
1
0
0
0
0
0
0
0
LAST SETTING
1.60
X
1
X
X
1
1
0
0
DAC1
1
1
1
1
1
1
1
1
LAST SETTING
3.30
X
1
X
X
1
1
0
1
DAC2
0
0
0
0
0
0
0
0
0.0V
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
0
0
0
0
0
1
0
0
0.052
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
0
0
0
0
1
0
0
0
0.103
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
0
0
0
1
0
0
0
0
0.2063
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
0
0
1
0
0
0
0
0
0.413
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
0
1
0
0
0
0
0
0
0.826
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
1
0
0
0
0
0
0
0
1.65
LAST SETTING
X
1
X
X
1
1
0
1
DAC2
1
1
1
1
1
1
1
1
3.3
LAST SETTING
X
10/2014
Communications Baseband Transceiver
Data Sheet
R
Read Analog to D
Digital Converter
______
OUTPUT/INPUT CONTROL
DATA
R/W
D7
D6
D5
D4
D3
D2
D1
D1
D0
0
MSB
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LSB
Mixed Signal Integration Corporation reserves the right to change any product or specification without notice at any time. Mixed Signal
Integration products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors
in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com