Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 3 Page - Interpion semiconductor

  IP4001TF Datasheet HTML 1Page - Interpion semiconductor IP4001TF Datasheet HTML 2Page - Interpion semiconductor IP4001TF Datasheet HTML 3Page - Interpion semiconductor IP4001TF Datasheet HTML 4Page - Interpion semiconductor IP4001TF Datasheet HTML 5Page - Interpion semiconductor IP4001TF Datasheet HTML 6Page - Interpion semiconductor IP4001TF Datasheet HTML 7Page - Interpion semiconductor IP4001TF Datasheet HTML 8Page - Interpion semiconductor IP4001TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
- 3 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Maximum supply voltage
Vccmax
15
V
Power dissipation
Pd
2.3 *
W
Operating temperature
Topr
-35 ~ +85
O
C
Storage temperature
Tstg
-55 ~ 150
O
C
Maximum output current
Iomax
1
A
Note>
1. When mounted on 50mm X 50mm X 1mm PCB (Phenolic resin material).
2. Power dissipation reduces 18.4 mW/OC for using above Ta=25OC
3. Do not exceed Pd and SOA.
POWER DISSIPATION CURVE
Ambient Temperature (°C)
25
50
75
100
125
150
175
0
1
2
3
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply voltage 1
Vcc1
6.5 ~ 13.2
V
Supply voltage 2
Vcc2
6.5 ~ 13.2
V
SOA
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com