Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001TF Datasheet(PDF) 9 Page - Interpion semiconductor

Part # IP4001TF
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001TF Datasheet(HTML) 9 Page - Interpion semiconductor

Back Button IP4001TF Datasheet HTML 5Page - Interpion semiconductor IP4001TF Datasheet HTML 6Page - Interpion semiconductor IP4001TF Datasheet HTML 7Page - Interpion semiconductor IP4001TF Datasheet HTML 8Page - Interpion semiconductor IP4001TF Datasheet HTML 9Page - Interpion semiconductor IP4001TF Datasheet HTML 10Page - Interpion semiconductor IP4001TF Datasheet HTML 11Page - Interpion semiconductor IP4001TF Datasheet HTML 12Page - Interpion semiconductor IP4001TF Datasheet HTML 13Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
- 9 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Tray motor speed control
The amplitude of the output voltage is controlled by pin20(CTL).
Level
Shift
VCC1
20
Speed
Control
VCC
R
50k
50k
ZD
Normally, the differential output voltage is 3.1V when the pin20(CTL) is open.
If you want to control differential output voltage of the tray drive part, insert external resistor R and zener
diode ZD as shown in figure 6.
Zener diode ZD is only needed when you want to obtain a precision output voltage,
In other case you only insert an external resistor R.
Fig6. Tray motor speed control
- Regulator part
IP4001 has a temperature independent voltage source internally.
So in the figure 7, the reference voltage (2.5V) is generated by the internal circuit (bandgab reference).
6
Fig7. Regulator
Because the power NPN TR Q5 is inserted
internally, there is no need to attach
an external active component.
The output voltage of the regulator is
Calculated as follows
5V
=
2.5
x
)
3.3K
3.3K
+
(1
=
Vreo
And he capacitor 1uF is used as a ripple
& noise eliminator and should have a good
Temperature characteristics.
2.5V
VCC2
3.3K
103
Internal circuit
External circuit
3.3K
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com